Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 31 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 31 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 27Page - SMSC Corporation EMC2302 Datasheet HTML 28Page - SMSC Corporation EMC2302 Datasheet HTML 29Page - SMSC Corporation EMC2302 Datasheet HTML 30Page - SMSC Corporation EMC2302 Datasheet HTML 31Page - SMSC Corporation EMC2302 Datasheet HTML 32Page - SMSC Corporation EMC2302 Datasheet HTML 33Page - SMSC Corporation EMC2302 Datasheet HTML 34Page - SMSC Corporation EMC2302 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2302
31
Revision 1.1 (10-12-09)
DATASHEET
Bit 2-0 - UPDATEx[2:0] - determines the base time between fan driver updates. The Update Time,
along with the Fan Step Register, is used to control the ramp rate of the drive response to provide a
cleaner transition of the actual fan operation as the desired fan speed changes. The Update Time is
set as shown in Table 5.13.
5.10
Fan Configuration 2 Registers
The Fan Configuration 2 register control the tachometer measurement and advanced features of the
RPM-based Fan Speed Control Algorithm.
Table 5.12 Minimum Edges for Fan Rotation
EDGESX[1:0]
MINIMUM TACH
EDGES
NUMBER OF FAN POLES
EFFECTIVE TACH
MULTIPLIER (BASED ON 2
POLE FANS)
10
0
0
3
1 pole
0.5
0
1
5
2 poles (default)
1
1
0
7
3 poles
1.5
1
1
9
4 poles
2
Table 5.13 Update Time
UPDATEX[2:0]
UPDATE TIME
21
0
00
0
100ms
00
1
200ms
01
0
300ms
0
1
1
400ms (default)
10
0
500ms
10
1
800ms
1
1
0
1200ms
1
1
1
1600ms
Table 5.14 Fan Configuration 2 Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
33h
R/W
Fan 1
Configuration 2
-
EN_
RRC1
GLITCH_
EN1
DER_OPT1 [1:0]
ERR_RNG1[1:0]
-
28h
43h
R/W
Fan 2
Configuration 2
-
EN_
RRC2
GLITCH_
EN2
DER_OPT2 [1:0]
ERR_RNG2[1:0]
-
28h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com