Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 13Page - Microchip Technology SAMA5D2 Datasheet HTML 14Page - Microchip Technology SAMA5D2 Datasheet HTML 15Page - Microchip Technology SAMA5D2 Datasheet HTML 16Page - Microchip Technology SAMA5D2 Datasheet HTML 17Page - Microchip Technology SAMA5D2 Datasheet HTML 18Page - Microchip Technology SAMA5D2 Datasheet HTML 19Page - Microchip Technology SAMA5D2 Datasheet HTML 20Page - Microchip Technology SAMA5D2 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
C7
F5
E6
VDDIOP0
GPIO
PB0
I/O
–
–
B
A21/NANDALE
O
1
PIO, I, PU, ST
C
SPI0_MOSI
I/O
2
D
PWMH1
O
1
A9
C8
D6
VDDIOP0
GPIO
PB1
I/O
–
–
B
A22/NANDCLE
O
1
PIO, I, PU, ST
C
SPI0_SPCK
I/O
2
D
PWML1
O
1
F
CLASSD_R0
O
1
A10
C7
C6
VDDIOP0
GPIO
PB2
I/O
–
–
B
NRD/NANDOE
O
1
PIO, I, PU, ST
D
PWMFI0
I
1
F
CLASSD_R1
O
1
A11
B8
C5
VDDIOP0
GPIO
PB3
I/O
–
–
A
URXD4
I
1
PIO, I, PU, ST
B
D8
I/O
1
C
IRQ
I
3
D
PWMEXTRG1
I
1
F
CLASSD_R2
O
1
A12
B7
D5
VDDIOP0
GPIO
PB4
I/O
–
–
A
UTXD4
O
1
PIO, I, PU, ST
B
D9
I/O
1
C
FIQ
I
4
F
CLASSD_R3
O
1
A7
A10
D7
VDDIOP0
GPIO_QSPI
PB5
I/O
–
–
A
TCLK2
I
1
PIO, I, PU, ST
B
D10
I/O
1
C
PWMH2
O
1
D
QSPI1_SCK
O
2
F
GTSUCOMP
O
3
B7
A9
C8
VDDIOP0
GPIO
PB6
I/O
–
–
A
TIOA2
I/O
1
PIO, I, PU, ST
B
D11
I/O
1
C
PWML2
O
1
D
QSPI1_CS
O
2
F
GTXER
O
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56