Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 25 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 21Page - Microchip Technology SAMA5D2 Datasheet HTML 22Page - Microchip Technology SAMA5D2 Datasheet HTML 23Page - Microchip Technology SAMA5D2 Datasheet HTML 24Page - Microchip Technology SAMA5D2 Datasheet HTML 25Page - Microchip Technology SAMA5D2 Datasheet HTML 26Page - Microchip Technology SAMA5D2 Datasheet HTML 27Page - Microchip Technology SAMA5D2 Datasheet HTML 28Page - Microchip Technology SAMA5D2 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
D2
A1
–
VDDISC
GPIO
PC12
I/O
–
–
A
LCDDAT4
O
2
PIO, I, PU, ST
B
GRXDV
I
1
C
ISC_D3
I
1
D
URXD3
I
1
E
TK0
I/O
2
F
A1
O
2
K2
B1
–
VDDISC
GPIO
PC13
I/O
–
–
A
LCDDAT5
O
2
PIO, I, PU, ST
B
GRXER
I
1
C
ISC_D4
I
1
D
UTXD3
O
1
E
TF0
I/O
2
F
A2
O
2
K6
G5
–
VDDISC
GPIO
PC14
I/O
–
–
A
LCDDAT6
O
2
PIO, I, PU, ST
B
GRX0
I
1
C
ISC_D5
I
1
E
TD0
O
2
F
A3
O
2
B1
G2
–
VDDISC
GPIO
PC15
I/O
–
–
A
LCDDAT7
O
2
PIO, I, PU, ST
B
GRX1
I
1
C
ISC_D6
I
1
E
RD0
I
2
F
A4
O
2
K9
G6
–
VDDISC
GPIO
PC16
I/O
–
–
A
LCDDAT10
O
2
PIO, I, PU, ST
B
GTX0
O
1
C
ISC_D7
I
1
E
RK0
I/O
2
F
A5
O
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56