Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 26 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 26 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 22Page - Microchip Technology SAMA5D2 Datasheet HTML 23Page - Microchip Technology SAMA5D2 Datasheet HTML 24Page - Microchip Technology SAMA5D2 Datasheet HTML 25Page - Microchip Technology SAMA5D2 Datasheet HTML 26Page - Microchip Technology SAMA5D2 Datasheet HTML 27Page - Microchip Technology SAMA5D2 Datasheet HTML 28Page - Microchip Technology SAMA5D2 Datasheet HTML 29Page - Microchip Technology SAMA5D2 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
C1
C1
–
VDDISC
GPIO
PC17
I/O
–
–
A
LCDDAT11
O
2
PIO, I, PU, ST
B
GTX1
O
1
C
ISC_D8
I
1
E
RF0
I/O
2
F
A6
O
2
L9
G9
–
VDDISC
GPIO
PC18
I/O
–
–
A
LCDDAT12
O
2
PIO, I, PU, ST
B
GMDC
O
1
C
ISC_D9
I
1
E
FLEXCOM3_IO2
I/O
2
F
A7
O
2
D1
D1
–
VDDISC
GPIO
PC19
I/O
–
–
A
LCDDAT13
O
2
PIO, I, PU, ST
B
GMDIO
I/O
1
C
ISC_D10
I
1
E
FLEXCOM3_IO1
I/O
2
F
A8
O
2
L8
H4
–
VDDISC
GPIO
PC20
I/O
–
–
A
LCDDAT14
O
2
PIO, I, PU, ST
B
GRXCK
I
1
C
ISC_D11
I
1
E
FLEXCOM3_IO0
I/O
2
F
A9
O
2
E3
E1
–
VDDISC
GPIO
PC21
I/O
–
–
A
LCDDAT15
O
2
PIO, I, PU, ST
B
GTXER
O
1
C
ISC_PCK
I
1
E
FLEXCOM3_IO3
O
2
F
A10
O
2
E2
F1
–
VDDISC
GPIO
PC22
I/O
–
–
A
LCDDAT18
O
2
PIO, I, PU, ST
B
GCRS
I
1
C
ISC_VSYNC
I
1
E
FLEXCOM3_IO4
O
2
F
A11
O
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56