Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 33 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 33 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 29Page - Microchip Technology SAMA5D2 Datasheet HTML 30Page - Microchip Technology SAMA5D2 Datasheet HTML 31Page - Microchip Technology SAMA5D2 Datasheet HTML 32Page - Microchip Technology SAMA5D2 Datasheet HTML 33Page - Microchip Technology SAMA5D2 Datasheet HTML 34Page - Microchip Technology SAMA5D2 Datasheet HTML 35Page - Microchip Technology SAMA5D2 Datasheet HTML 36Page - Microchip Technology SAMA5D2 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
P7
M8
–
VDDANA
GPIO
PD31
I/O
–
–
A
ADTRG
I
1
PIO, I, PU, ST
B
NTRST
I
3
C
IRQ
I
4
D
TCLK3
I
3
E
PCK0
O
2
M9
L9
L1
VDDANA
–
ADVREF
I
–
–
–
–
–
–
–
G1, H6
K4, J5
K3, L2
VDDANA
power
VDDANA
I
–
–
–
–
–
–
–
F1, G5
J6, M1
L3, K1
GNDANA
ground
GNDANA
I
–
–
–
–
–
–
–
M12, J10
J10, F11
K12,
F12
VDDIODDR
DDR
DDR_VREF
I
–
–
–
–
–
–
–
C19
-
-
VDDIODDR
DDR
ZQ
-
-
-
-
-
-
-
-
E11, E8,
H10, J13,
J8, L10,
P12
L10, L14, J8,
H10, G12,
E11, E8
F10, E8, E9,
E10, G12,
H12, J12
VDDIODDR
power
VDDIODDR
I
–
–
–
–
–
–
–
E10, F8,
G10, J9,
L11, M13,
N12
K10, M14,
J9, G10,
H12, E10, F8
K11, J11, F9,
C10, E11,
F8, F11,
G13, H13
GNDIODDR
ground
GNDIODDR
I
–
–
–
–
–
–
–
C3, C9, K3,
U9, V5,
W6, K8
H2, U3, P7,
L12, E9, D7
G7, H4, D14,
E14, L5
VDDCORE
power
VDDCORE
I
–
–
–
–
–
–
–
A1, D9,
J11, K4,
K7, V9, W1
E12, F12,
J11, K11, K6,
K7
G11, E12,
E13, H3, H7,
H8, J3
GNDCORE
ground
GNDCORE
I
–
–
–
–
–
–
–
B4, D5
D4, F3
F4, E4
VDDIOP0
power
VDDIOP0
I
–
–
–
–
–
–
–
A5, D4
E3, F2
E5, F5
GNDIOP0
ground
GNDIOP0
I
–
–
–
–
–
–
–
V13, V18
N12, P12
N9, N10
VDDIOP1
power
VDDIOP1
I
–
–
–
–
–
–
–
P13, R13,
W13, W19
M12, P11
M9, M10
GNDIOP1
ground
GNDIOP1
I
–
–
–
–
–
–
–
A8
D9
–
VDDIOP2
power
VDDIOP2
I
–
–
–
–
–
–
–
B9
D6
–
GNDIOP2
ground
GNDIOP2
I
–
–
–
–
–
–
–
T7
N8
J7
VDDSDMMC
power
VDDSDMMC
I
–
–
–
–
–
–
–
T8
R8
J8
GNDSDMMC
ground
GNDSDMMC
I
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56