Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 18 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 14Page - Microchip Technology SAMA5D2 Datasheet HTML 15Page - Microchip Technology SAMA5D2 Datasheet HTML 16Page - Microchip Technology SAMA5D2 Datasheet HTML 17Page - Microchip Technology SAMA5D2 Datasheet HTML 18Page - Microchip Technology SAMA5D2 Datasheet HTML 19Page - Microchip Technology SAMA5D2 Datasheet HTML 20Page - Microchip Technology SAMA5D2 Datasheet HTML 21Page - Microchip Technology SAMA5D2 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
C5
D5
D9
VDDIOP0
GPIO_IO
PB7
I/O
–
–
A
TIOB2
I/O
1
PIO, I, PU, ST
B
D12
I/O
1
C
PWMH3
O
1
D
QSPI1_IO0
I/O
2
F
GRXCK
I
3
B8
E5
C7
VDDIOP0
GPIO_IO
PB8
I/O
–
–
A
TCLK3
I
1
PIO, I, PU, ST
B
D13
I/O
1
C
PWML3
O
1
D
QSPI1_IO1
I/O
2
F
GCRS
I
3
B6
C6
C9
VDDIOP0
GPIO_IO
PB9
I/O
–
–
A
TIOA3
I/O
1
PIO, I, PU, ST
B
D14
I/O
1
C
PWMFI1
I
1
D
QSPI1_IO2
I/O
2
F
GCOL
I
3
G6
A8
F6
VDDIOP0
GPIO_IO
PB10
I/O
–
–
A
TIOB3
I/O
1
PIO, I, PU, ST
B
D15
I/O
1
C
PWMEXTRG2
I
1
D
QSPI1_IO3
I/O
2
F
GRX2
I
3
B5
A7
B9
VDDIOP0
GPIO
PB11
I/O
–
–
A
LCDDAT0
O
1
PIO, I, PU, ST
B
A0/NBS0
O
1
C
URXD3
I
3
D
PDMIC_DAT
2
F
GRX3
I
3
A6
B6
B8
VDDIOP0
GPIO
PB12
I/O
–
–
A
LCDDAT1
O
1
PIO, I, PU, ST
B
A1
O
1
C
UTXD3
O
3
D
PDMIC_CLK
2
F
GTX2
O
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56