Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 13 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 9Page - Microchip Technology SAMA5D2 Datasheet HTML 10Page - Microchip Technology SAMA5D2 Datasheet HTML 11Page - Microchip Technology SAMA5D2 Datasheet HTML 12Page - Microchip Technology SAMA5D2 Datasheet HTML 13Page - Microchip Technology SAMA5D2 Datasheet HTML 14Page - Microchip Technology SAMA5D2 Datasheet HTML 15Page - Microchip Technology SAMA5D2 Datasheet HTML 16Page - Microchip Technology SAMA5D2 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
V12
R9
K9
VDDSDMMC
GPIO_EMMC
PA8
I/O
–
–
A
SDMMC0_DAT6
I/O
1
PIO, I, PU, ST
B
QSPI1_IO1
I/O
1
D
TCLK5
I
1
E
FLEXCOM2_IO2
I/O
1
F
NWE/NANDWE
O
2
V16
P8
J9
VDDSDMMC
GPIO_EMMC
PA9
I/O
–
–
A
SDMMC0_DAT7
I/O
1
PIO, I, PU, ST
B
QSPI1_IO2
I/O
1
D
TIOA4
I/O
1
E
FLEXCOM2_IO3
O
1
F
NCS3
O
2
V14
R10
N14
VDDSDMMC
GPIO_EMMC
PA10
I/O
–
–
A
SDMMC0_RSTN
O
1
PIO, I, PU, ST
B
QSPI1_IO3
I/O
1
D
TIOB4
I/O
1
E
FLEXCOM2_IO4
O
1
F
A21/NANDALE
O
2
L18
P15
N13
VDDIOP1
GPIO
PA11
I/O
–
–
A
SDMMC0_1V8SEL
O
1
PIO, I, PU, ST
B
QSPI1_CS
O
1
D
TCLK4
I
1
F
A22/NANDCLE
O
2
T16
N17
L12
VDDIOP1
GPIO
PA12
I/O
–
–
A
SDMMC0_WP
I
1
PIO, I, PU, ST
B
IRQ
I
1
F
NRD/NANDOE
O
2
K18
P16
M14
VDDIOP1
GPIO
PA13
I/O
–
–
A
SDMMC0_CD
I
1
PIO, I, PU, ST
E
FLEXCOM3_IO1
I/O
1
F
D8
I/O
2
R19
M17
J10
VDDIOP1
GPIO_QSPI
PA14
I/O
–
–
A
SPI0_SPCK
I/O
1
PIO, I, PU, ST
B
TK1
I/O
1
C
QSPI0_SCK
O
2
D
I2SC1_MCK
O
2
E
FLEXCOM3_IO2
I/O
1
F
D9
I/O
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56