Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 20 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 16Page - Microchip Technology SAMA5D2 Datasheet HTML 17Page - Microchip Technology SAMA5D2 Datasheet HTML 18Page - Microchip Technology SAMA5D2 Datasheet HTML 19Page - Microchip Technology SAMA5D2 Datasheet HTML 20Page - Microchip Technology SAMA5D2 Datasheet HTML 21Page - Microchip Technology SAMA5D2 Datasheet HTML 22Page - Microchip Technology SAMA5D2 Datasheet HTML 23Page - Microchip Technology SAMA5D2 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
D3
A5
B4
VDDIOP0
GPIO_IO
PB18
I/O
–
–
A
LCDDAT7
O
1
PIO, I, PU, ST
B
A7
O
1
C
RK1
I/O
2
D
I2SC1_DO0
O
1
E
QSPI1_IO2
I/O
3
F
GRX0
I
3
F4
B4
A6
VDDIOP0
GPIO_IO
PB19
I/O
–
–
A
LCDDAT8
O
1
PIO, I, PU, ST
B
A8
O
1
C
RF1
I/O
2
D
TIOA3
I/O
2
E
QSPI1_IO3
I/O
3
F
GRX1
I
3
F2
A4
A4
VDDIOP0
GPIO
PB20
I/O
–
–
A
LCDDAT9
O
1
PIO, I, PU, ST
B
A9
O
1
C
TK0
I/O
1
D
TIOB3
I/O
2
E
PCK1
O
4
F
GTX0
O
3
F3
D3
A3
VDDIOP0
GPIO
PB21
I/O
–
–
A
LCDDAT10
O
1
PIO, I, PU, ST
B
A10
O
1
C
TF0
I/O
1
D
TCLK3
I
2
E
FLEXCOM3_IO2
I/O
3
F
GTX1
O
3
E4
C3
D3
VDDIOP0
GPIO
PB22
I/O
–
–
A
LCDDAT11
O
1
PIO, I, PU, ST
B
A11
O
1
C
TD0
O
1
D
TIOA2
I/O
2
E
FLEXCOM3_IO1
I/O
3
F
GMDC
O
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56