Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 36 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 36 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 32Page - Microchip Technology SAMA5D2 Datasheet HTML 33Page - Microchip Technology SAMA5D2 Datasheet HTML 34Page - Microchip Technology SAMA5D2 Datasheet HTML 35Page - Microchip Technology SAMA5D2 Datasheet HTML 36Page - Microchip Technology SAMA5D2 Datasheet HTML 37Page - Microchip Technology SAMA5D2 Datasheet HTML 38Page - Microchip Technology SAMA5D2 Datasheet HTML 39Page - Microchip Technology SAMA5D2 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
A14, A19,
B14, B18,
C14, C18,
D14, D18,
E14, E18,
F14, F18,
G14, G18,
H14, H18,
N14, N17,
N18, P14,
P18, R14,
R18, T18
A17, B17,
C17, D15,
E14, F17,
H17, L17
B14, A8,
C11, C14, D8
DDRM_VSS
ground
DDRM_VSS
–
–
–
–
–
–
–
–
-
E17
D13
DDRM_VSSDL
ground
DDRM_VSSDL
I
–
–
–
–
–
–
–
-
F16, G16,
H16, J16,
K16, K17
A10, A14,
B11, B12,
B13, C13
DDRM_VSSQ
ground
DDRM_VSSQ
I
–
–
–
–
–
–
–
B15, B17,
B19, D15,
D17, D19,
F15, F17,
F19, H15,
H17, H19,
K15, K17,
K19, M15,
M17, M19,
P15, P17,
P19, T17,
T19
-
-
DDRM_VDD12(3)
power
DDRM_VDD12(3)
I
-
-
-
-
-
-
-
B11, B13,
D11, D13,
K13, K16
-
-
DDRM_VDD18(3)
power
DDRM_VDD18(3)
I
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56