Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 34 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 34 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 30Page - Microchip Technology SAMA5D2 Datasheet HTML 31Page - Microchip Technology SAMA5D2 Datasheet HTML 32Page - Microchip Technology SAMA5D2 Datasheet HTML 33Page - Microchip Technology SAMA5D2 Datasheet HTML 34Page - Microchip Technology SAMA5D2 Datasheet HTML 35Page - Microchip Technology SAMA5D2 Datasheet HTML 36Page - Microchip Technology SAMA5D2 Datasheet HTML 37Page - Microchip Technology SAMA5D2 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
G3
H3
–
VDDISC
power
VDDISC
I
–
–
–
–
–
–
–
H3
H5
–
GNDISC
ground
GNDISC
I
–
–
–
–
–
–
–
U15
N13
M13
VDDFUSE
power
VDDFUSE
I
–
–
–
–
–
–
–
P9
R5
P4
VDDPLLA
power
VDDPLLA
I
–
–
–
–
–
–
–
P10
T5
L6
GNDPLLA
ground
GNDPLLA
I
–
–
–
–
–
–
–
R6
M4
K6
VDDAUDIOPLL
power
VDDAUDIOPLL
I
–
–
–
–
–
–
–
N9
T3
J6
GNDDPLL
ground
GNDDPLL
I
–
–
–
–
–
–
–
P6
T4
H6
GNDAUDIOPLL
ground
GNDAUDIOPLL
I
–
–
–
–
–
–
–
W2
T8
P1
VDDAUDIOPLL
–
CLK_AUDIO
O
–
–
–
–
–
–
–
W5
U9
N5
VDDOSC
–
XIN
I
–
–
–
–
–
–
–
W4
U8
P5
VDDOSC
–
XOUT
O
–
–
–
–
–
–
–
R10
N6
M7
VDDOSC
–
VDDOSC
I
–
–
–
–
–
–
–
T11
P5
N6
GNDOSC
ground
GNDOSC
I
–
–
–
–
–
–
–
R8
P6
M6
VDDUTMII
power
VDDUTMII
I
–
–
–
–
–
–
–
U7
R7
–
VDDHSIC
power
VDDHSIC
I
–
–
–
–
–
–
–
R7
M6
L7
GNDUTMII
ground
GNDUTMII
I
–
–
–
–
–
–
–
W7
U10
N7
VDDUTMII
–
HHSDPA
I/O
–
–
–
–
–
–
–
V7
T10
P7
VDDUTMII
–
HHSDMA
I/O
–
–
–
–
–
–
–
W8
U11
N8
VDDUTMII
–
HHSDPB
I/O
–
–
–
–
–
–
–
V8
T11
P8
VDDUTMII
–
HHSDMB
I/O
–
–
–
–
–
–
–
W9
T12
–
VDDHSIC
–
HHSDPDATC
I/O
–
–
–
–
–
–
–
W10
U12
–
VDDHSIC
–
HHSDMSTRC
I/O
–
–
–
–
–
–
–
T6
M7
K7
VDDUTMIC
power
VDDUTMIC
I
–
–
–
–
–
–
–
U6
R6
G5
GNDUTMIC
ground
GNDUTMIC
I
–
–
–
–
–
–
–
V6
T6
P6
VDDUTMIC
–
VBG
I
–
–
–
–
–
–
–
T2
R4
D1
VDDBU
–
TST
I
–
–
–
–
–
–
–
W3
T7
J5
VDDBU
–
NRST
I
–
–
–
–
–
–
–
T3
R3
N3
VDDBU
–
JTAGSEL
I
–
–
–
–
–
–
–
U2
R2
N1
VDDBU
–
WKUP
I
–
–
–
–
–
–
–
R1
N2
–
VDDBU
–
RXD
I
–
–
–
–
–
–
–
P4
T2
B1
VDDBU
–
SHDN
O
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56