Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 24 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 24 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 20Page - Microchip Technology SAMA5D2 Datasheet HTML 21Page - Microchip Technology SAMA5D2 Datasheet HTML 22Page - Microchip Technology SAMA5D2 Datasheet HTML 23Page - Microchip Technology SAMA5D2 Datasheet HTML 24Page - Microchip Technology SAMA5D2 Datasheet HTML 25Page - Microchip Technology SAMA5D2 Datasheet HTML 26Page - Microchip Technology SAMA5D2 Datasheet HTML 27Page - Microchip Technology SAMA5D2 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
N15
M15
F14
VDDIOP1
GPIO_CLK
PC7
I/O
–
–
A
LCDPCK
O
1
PIO, I, PU, ST
B
NCS2
O
1
C
TWCK1
I/O
1
D
SPI1_NPCS3
O
1
E
URXD1
I
2
F
ISC_MCK
O
3
P11
M13
K13
VDDIOP1
GPIO
PC8
I/O
–
–
A
LCDDEN
O
1
PIO, I, PU, ST
B
NANDRDY
I
1
C
FIQ
I
1
D
PCK0
O
3
E
UTXD1
O
2
F
ISC_FIELD
I
3
B2
B2
–
VDDISC
GPIO
PC9
I/O
–
–
A
FIQ
I
3
PIO, I, PU, ST
B
GTSUCOMP
O
1
C
ISC_D0
I
1
D
TIOA4
I/O
2
K5
G4
–
VDDISC
GPIO
PC10
I/O
–
–
A
LCDDAT2
O
2
PIO, I, PU, ST
B
GTXCK
I/O
1
C
ISC_D1
I
1
D
TIOB4
I/O
2
E
CANTX0
O
2
C2
A2
–
VDDISC
GPIO
PC11
I/O
–
–
A
LCDDAT3
O
2
PIO, I, PU, ST
B
GTXEN
O
1
C
ISC_D2
I
1
D
TCLK4
I
2
E
CANRX0
I
2
F
A0/NBS0
O
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56