Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 16 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 12Page - Microchip Technology SAMA5D2 Datasheet HTML 13Page - Microchip Technology SAMA5D2 Datasheet HTML 14Page - Microchip Technology SAMA5D2 Datasheet HTML 15Page - Microchip Technology SAMA5D2 Datasheet HTML 16Page - Microchip Technology SAMA5D2 Datasheet HTML 17Page - Microchip Technology SAMA5D2 Datasheet HTML 18Page - Microchip Technology SAMA5D2 Datasheet HTML 19Page - Microchip Technology SAMA5D2 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
U14
P17
L10
VDDIOP1
GPIO_IO
PA26
I/O
–
–
A
FLEXCOM1_IO4
O
1
PIO, I, PU, ST
B
D4
I/O
1
C
NTRST
I
4
D
SPI1_NPCS1
O
2
F
QSPI0_IO2
I/O
3
M18
R15
P14
VDDIOP1
GPIO_IO
PA27
I/O
–
–
A
TIOA1
I/O
2
PIO, I, PU, ST
B
D5
I/O
1
C
SPI0_NPCS2
O
2
D
SPI1_NPCS2
O
2
E
SDMMC1_RSTN
O
1
F
QSPI0_IO3
I/O
3
U13
R14
N12
VDDIOP1
GPIO
PA28
I/O
–
–
A
TIOB1
I/O
2
PIO, I, PU, ST
B
D6
I/O
1
C
SPI0_NPCS3
O
2
D
SPI1_NPCS3
O
2
E
SDMMC1_CMD
I/O
1
F
CLASSD_L0
O
1
U16
P14
M12
VDDIOP1
GPIO
PA29
I/O
–
–
A
TCLK1
I
2
PIO, I, PU, ST
B
D7
I/O
1
C
SPI0_NPCS1
O
2
E
SDMMC1_WP
I
1
F
CLASSD_L1
O
1
U12
R13
N11
VDDIOP1
GPIO
PA30
I/O
–
–
B
NWE/NANDWE
O
1
PIO, I, PU, ST
C
SPI0_NPCS0
I/O
2
D
PWMH0
O
1
E
SDMMC1_CD
I
1
F
CLASSD_L2
O
1
U17
P13
M11
VDDIOP1
GPIO
PA31
I/O
–
–
B
NCS3
O
1
PIO, I, PU, ST
C
SPI0_MISO
I/O
2
D
PWML0
O
1
F
CLASSD_L3
O
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56