Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 41 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 41 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 37Page - Microchip Technology SAMA5D2 Datasheet HTML 38Page - Microchip Technology SAMA5D2 Datasheet HTML 39Page - Microchip Technology SAMA5D2 Datasheet HTML 40Page - Microchip Technology SAMA5D2 Datasheet HTML 41Page - Microchip Technology SAMA5D2 Datasheet HTML 42Page - Microchip Technology SAMA5D2 Datasheet HTML 43Page - Microchip Technology SAMA5D2 Datasheet HTML 44Page - Microchip Technology SAMA5D2 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
on VDDFUSE only when the Customer Fuse Matrix is accessed in Write mode, and to turn off VDDFUSE
otherwise.
Figure 8-1. Recommended Power-up Sequence
VDDANA
VDDOSC
VDDUTMII
VDDAUDIOPLL
VDDIOP0
Group 2
No specific order and no
specific timing required
among these channels except
DDRM_VDD12 and DDRM_VDD18
VDDIOP1
VDDBU
VDDCORE
VDDPLLA
t3
VDDHSIC
t2
tRSTPU
time
NRST
VDDUTMIC
VDDIOP2
VDDISC
VDDSDMMC
VDDFUSE
Group 1
t1
DDRM_VDD18
t4
DDRM_VDD12, VDDIODDR
t5
Table 8-1. Power-up Timing Specification
Symbol Parameter
Conditions
Min
Max
Unit
t1
Group 2 to Group 1 delay
Delay from the last Group 2 established(1) supply to the
first Group 1 supply turn-on
0
–
ms
t2
Group 1 delay
Delay from the first Group 1 established supply to the
last Group 1 established supply
–
1
t3
VDDFUSE to VDDBU delay
Delay from VDDBU established to VDDFUSE turn-on
1
–
t4
DDRM_VDD18 to
DDRM_VDD12 delay
Delay from the DDRM_VDD18 established to
DDRM_VDD12 turn-on
0
–
t5
LPDDR2 power-on delay
Delay from DDRM_VDD18 turn-on to DDRM_VDD12
established
–
20
tRSTPU
Reset delay at power-up
From the last established supply to NRST high
1
–
Note: 
1.
An “established” supply refers to a power supply established at 90% of its final value.
SAMA5D2 SIP
Electrical Characteristics
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56