Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 10Page - Microchip Technology SAMA5D2 Datasheet HTML 11Page - Microchip Technology SAMA5D2 Datasheet HTML 12Page - Microchip Technology SAMA5D2 Datasheet HTML 13Page - Microchip Technology SAMA5D2 Datasheet HTML 14Page - Microchip Technology SAMA5D2 Datasheet HTML 15Page - Microchip Technology SAMA5D2 Datasheet HTML 16Page - Microchip Technology SAMA5D2 Datasheet HTML 17Page - Microchip Technology SAMA5D2 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
L17
N16
L14
VDDIOP1
GPIO
PA15
I/O
–
–
A
SPI0_MOSI
I/O
1
PIO, I, PU, ST
B
TF1
I/O
1
C
QSPI0_CS
O
2
D
I2SC1_CK
I/O
2
E
FLEXCOM3_IO0
I/O
1
F
D10
I/O
2
N19
M11
H14
VDDIOP1
GPIO_IO
PA16
I/O
–
–
A
SPI0_MISO
I/O
1
PIO, I, PU, ST
B
TD1
O
1
C
QSPI0_IO0
I/O
2
D
I2SC1_WS
I/O
2
E
FLEXCOM3_IO3
O
1
F
D11
I/O
2
M16
N14
K14
VDDIOP1
GPIO_IO
PA17
I/O
–
–
A
SPI0_NPCS0
I/O
1
PIO, I, PU, ST
B
RD1
I
1
C
QSPI0_IO1
I/O
2
D
I2SC1_DI0
I
2
E
FLEXCOM3_IO4
O
1
F
D12
I/O
2
V19
T16
L9
VDDIOP1
GPIO_IO
PA18
I/O
–
–
A
SPI0_NPCS1
O
1
PIO, I, PU, ST
B
RK1
I/O
1
C
QSPI0_IO2
I/O
2
D
I2SC1_DO0
O
2
E
SDMMC1_DAT0
I/O
1
F
D13
I/O
2
V15
T15
P12
VDDIOP1
GPIO_IO
PA19
I/O
–
–
A
SPI0_NPCS2
O
1
PIO, I, PU, ST
B
RF1
I/O
1
C
QSPI0_IO3
I/O
2
D
TIOA0
I/O
1
E
SDMMC1_DAT1
I/O
1
F
D14
I/O
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56