Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 21 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 17Page - Microchip Technology SAMA5D2 Datasheet HTML 18Page - Microchip Technology SAMA5D2 Datasheet HTML 19Page - Microchip Technology SAMA5D2 Datasheet HTML 20Page - Microchip Technology SAMA5D2 Datasheet HTML 21Page - Microchip Technology SAMA5D2 Datasheet HTML 22Page - Microchip Technology SAMA5D2 Datasheet HTML 23Page - Microchip Technology SAMA5D2 Datasheet HTML 24Page - Microchip Technology SAMA5D2 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
H2
B3
B2
VDDIOP0
GPIO
PB23
I/O
–
–
A
LCDDAT12
O
1
PIO, I, PU, ST
B
A12
O
1
C
RD0
I
1
D
TIOB2
I/O
2
E
FLEXCOM3_IO0
I/O
3
F
GMDIO
I/O
3
A3
E2
E3
VDDIOP0
GPIO
PB24
I/O
–
–
A
LCDDAT13
O
1
PIO, I, PU, ST
B
A13
O
1
C
RK0
I/O
1
D
TCLK2
I
2
E
FLEXCOM3_IO3
O
3
F
ISC_D10
I
3
H1
A3
E2
VDDIOP0
GPIO
PB25
I/O
–
–
A
LCDDAT14
O
1
PIO, I, PU, ST
B
A14
O
1
C
RF0
I/O
1
E
FLEXCOM3_IO4
O
3
F
ISC_D11
I
3
G2
G3
D4
VDDIOP0
GPIO
PB26
I/O
–
–
A
LCDDAT15
O
1
PIO, I, PU, ST
B
A15
O
1
C
URXD0
I
1
D
PDMIC_DAT
1
F
ISC_D0
I
3
H5
F4
C3
VDDIOP0
GPIO
PB27
I/O
–
–
A
LCDDAT16
O
1
PIO, I, PU, ST
B
A16
O
1
C
UTXD0
O
1
D
PDMIC_CLK
1
F
ISC_D1
I
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56