Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 29 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 25Page - Microchip Technology SAMA5D2 Datasheet HTML 26Page - Microchip Technology SAMA5D2 Datasheet HTML 27Page - Microchip Technology SAMA5D2 Datasheet HTML 28Page - Microchip Technology SAMA5D2 Datasheet HTML 29Page - Microchip Technology SAMA5D2 Datasheet HTML 30Page - Microchip Technology SAMA5D2 Datasheet HTML 31Page - Microchip Technology SAMA5D2 Datasheet HTML 32Page - Microchip Technology SAMA5D2 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
L2
H1
–
VDDANA
GPIO_AD
PD5
I/O
PTC_X2
–
A
TWCK1
I/O
2
PIO, I, PU, ST
B
UTXD2
O
1
D
GRX2
I
2
E
ISC_D9
I
2
F
NCS1
O
2
J1
J2
–
VDDANA
GPIO_AD
PD6
I/O
PTC_X3
–
A
TCK
I
2
PIO, I, PU, ST
B
PCK1
O
1
D
GRX3
I
2
E
ISC_D8
I
2
F
NCS2
O
2
L5
H6
H5
VDDANA
GPIO_AD
PD7
I/O
PTC_X4
–
A
TDI
I
2
PIO, I, PU, ST
C
UTMI_RXVAL
O
1
D
GTX2
O
2
E
ISC_D0
I
2
F
NWR1/NBS1
O
2
K1
K3
J2
VDDANA
GPIO_AD
PD8
I/O
PTC_X5
–
A
TDO
O
2
PIO, I, PU, ST
C
UTMI_RXERR
O
1
D
GTX3
O
2
E
ISC_D1
I
2
F
NANDRDY
I
2
L3
J4
G4
VDDANA
GPIO_AD
PD9
I/O
PTC_X6
–
A
TMS
I
2
PIO, I, PU, ST
C
UTMI_RXACT
O
1
D
GTXCK
I/O
2
E
ISC_D2
I
2
L1
J3
C2
VDDANA
GPIO_AD
PD10
I/O
PTC_X7
–
A
NTRST
I
2
PIO, I, PU, ST
C
UTMI_HDIS
O
1
D
GTXEN
O
2
E
ISC_D3
I
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56