Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 22 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 18Page - Microchip Technology SAMA5D2 Datasheet HTML 19Page - Microchip Technology SAMA5D2 Datasheet HTML 20Page - Microchip Technology SAMA5D2 Datasheet HTML 21Page - Microchip Technology SAMA5D2 Datasheet HTML 22Page - Microchip Technology SAMA5D2 Datasheet HTML 23Page - Microchip Technology SAMA5D2 Datasheet HTML 24Page - Microchip Technology SAMA5D2 Datasheet HTML 25Page - Microchip Technology SAMA5D2 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
J2
D2
D2
VDDIOP0
GPIO
PB28
I/O
–
–
A
LCDDAT17
O
1
PIO, I, PU, ST
B
A17
O
1
C
FLEXCOM0_IO0
I/O
1
D
TIOA5
I/O
2
F
ISC_D2
I
3
J3
G8
B3
VDDIOP0
GPIO
PB29
I/O
–
–
A
LCDDAT18
O
1
PIO, I, PU, ST
B
A18
O
1
C
FLEXCOM0_IO1
I/O
1
D
TIOB5
I/O
2
F
ISC_D3
I
3
A2
C2
F3
VDDIOP0
GPIO
PB30
I/O
–
–
A
LCDDAT19
O
1
PIO, I, PU, ST
B
A19
O
1
C
FLEXCOM0_IO2
I/O
1
D
TCLK5
I
2
F
ISC_D4
I
3
J4
G7
A2
VDDIOP0
GPIO
PB31
I/O
–
–
A
LCDDAT20
O
1
PIO, I, PU, ST
B
A20
O
1
C
FLEXCOM0_IO3
O
1
D
TWD0
I/O
1
F
ISC_D5
I
3
T14
N10
L13
VDDIOP1
GPIO
PC0
I/O
–
–
A
LCDDAT21
O
1
PIO, I, PU, ST
B
A23
O
1
C
FLEXCOM0_IO4
O
1
D
TWCK0
I/O
1
F
ISC_D6
I
3
R16
N11
H11
VDDIOP1
GPIO
PC1
I/O
–
–
A
LCDDAT22
O
1
PIO, I, PU, ST
B
A24
O
1
C
CANTX0
O
1
D
SPI1_SPCK
I/O
1
E
I2SC0_CK
I/O
1
F
ISC_D7
I
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56