Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 39 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 35Page - Microchip Technology SAMA5D2 Datasheet HTML 36Page - Microchip Technology SAMA5D2 Datasheet HTML 37Page - Microchip Technology SAMA5D2 Datasheet HTML 38Page - Microchip Technology SAMA5D2 Datasheet HTML 39Page - Microchip Technology SAMA5D2 Datasheet HTML 40Page - Microchip Technology SAMA5D2 Datasheet HTML 41Page - Microchip Technology SAMA5D2 Datasheet HTML 42Page - Microchip Technology SAMA5D2 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
7.
Memory
The SAMA5D2 SIP is available with 128 Mbits, 512 Mbits or 1 Gbit of DDR2-SDRAM memory, and with 1 Gbit
or 2 Gbits of LPDDR2-SDRAM memory. For the features of these memories, see DDR2-SDRAM Features and
LPDDR2-SDRAM Features.
For power consumption, electrical characteristics and timings of these memories, refer to the data sheets referenced
below on the manufacturer’s website.
Table 7-1. Memory Data Sheet References
Memory Type
Density
Manufacturer Packaged PN
Data Sheet Reference Number
DDR2-SDRAM
128 Mbit
Winbond W9712G6KB25I
W9712G6KB
512 Mbit
Winbond W9751G6KB25I
W9751G6KB
1 Gbit
Winbond W971GG6SB25I
W971GG6SB
LPDDR2-SDRAM
1 Gbit
apmemory AD210032F-I-AB
lpddr2_datasheet_1gb
2 Gbit
apmemory AD220032D-I-ED/PC/AB
lpddr2_datasheet_2gb
SAMA5D2 SIP
Memory
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56