Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 32 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 32 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 28Page - Microchip Technology SAMA5D2 Datasheet HTML 29Page - Microchip Technology SAMA5D2 Datasheet HTML 30Page - Microchip Technology SAMA5D2 Datasheet HTML 31Page - Microchip Technology SAMA5D2 Datasheet HTML 32Page - Microchip Technology SAMA5D2 Datasheet HTML 33Page - Microchip Technology SAMA5D2 Datasheet HTML 34Page - Microchip Technology SAMA5D2 Datasheet HTML 35Page - Microchip Technology SAMA5D2 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
N6
L6
F1
VDDANA
GPIO_AD
PD22
I/O
AD3
–
A
TCLK2
I
3
PIO, I, PU, ST
B
TWCK0
I/O
4
C
FLEXCOM4_IO1
I/O
3
E
I2SC0_DI0
I
2
F
ISC_HSYNC
I
4
P1
T1
E1
VDDANA
GPIO_AD
PD23
I/O
AD4
–
A
URXD2
I
2
PIO, I, PU, ST
C
FLEXCOM4_IO2
I/O
3
E
I2SC0_DO0
O
2
F
ISC_FIELD
I
4
N8
L4
–
VDDANA
GPIO_AD
PD24
I/O
AD5
–
A
UTXD2
O
2
PIO, I, PU, ST
C
FLEXCOM4_IO3
O
3
P8
L5
–
VDDANA
GPIO_AD
PD25
I/O
AD6
–
A
SPI1_SPCK
I/O
3
PIO, I, PU, ST
C
FLEXCOM4_IO4
O
3
P2
R1
–
VDDANA
GPIO_AD
PD26
I/O
AD7
–
A
SPI1_MOSI
I/O
3
PIO, I, PU, ST
C
FLEXCOM2_IO0
I/O
2
N5
L7
–
VDDANA
GPIO_AD
PD27
I/O
AD8
–
A
SPI1_MISO
I/O
3
PIO, I, PU, ST
B
TCK
I
3
C
FLEXCOM2_IO1
I/O
2
N4
L3
–
VDDANA
GPIO_AD
PD28
I/O
AD9
–
A
SPI1_NPCS0
I/O
3
PIO, I, PU, ST
B
TDI
I
3
C
FLEXCOM2_IO2
I/O
2
R2
M2
–
VDDANA
GPIO_AD
PD29
I/O
AD10
–
A
SPI1_NPCS1
O
3
PIO, I, PU, ST
B
TDO
O
3
C
FLEXCOM2_IO3
O
2
D
TIOA3
I/O
3
E
TWD0
I/O
3
N10
M9
–
VDDANA
GPIO_AD
PD30
I/O
AD11
–
A
SPI1_NPCS2
O
3
PIO, I, PU, ST
B
TMS
I
3
C
FLEXCOM2_IO4
O
2
D
TIOB3
I/O
3
E
TWCK0
I/O
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56