Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 47 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 47 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 43Page - Microchip Technology SAMA5D2 Datasheet HTML 44Page - Microchip Technology SAMA5D2 Datasheet HTML 45Page - Microchip Technology SAMA5D2 Datasheet HTML 46Page - Microchip Technology SAMA5D2 Datasheet HTML 47Page - Microchip Technology SAMA5D2 Datasheet HTML 48Page - Microchip Technology SAMA5D2 Datasheet HTML 49Page - Microchip Technology SAMA5D2 Datasheet HTML 50Page - Microchip Technology SAMA5D2 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Contact Pad Spacing
Contact Pitch
MILLIMETERS
0.80 BSC
MIN
E
MAX
14.40
Contact Pad Width (X20)
X1
0.45
NOM
C1
0
4
.
4
1
g
n
i
c
a
p
S
d
a
P
t
c
a
t
n
o
C
E
C2
C1
ØX1
SILK SCREEN
Microchip Technology Drawing C04-23149-DYB Rev A
361-Ball Thin Fine Pitch Ball Grid Array (DYB) - 16x16 mm Body [TFBGA]
Atmel Legacy Global Package Code CEP
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2 34 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
SAMA5D2 SIP
Mechanical Characteristics
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56