Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 35 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 35 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 31Page - Microchip Technology SAMA5D2 Datasheet HTML 32Page - Microchip Technology SAMA5D2 Datasheet HTML 33Page - Microchip Technology SAMA5D2 Datasheet HTML 34Page - Microchip Technology SAMA5D2 Datasheet HTML 35Page - Microchip Technology SAMA5D2 Datasheet HTML 36Page - Microchip Technology SAMA5D2 Datasheet HTML 37Page - Microchip Technology SAMA5D2 Datasheet HTML 38Page - Microchip Technology SAMA5D2 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
R4
P3
N4
VDDBU
–
PIOBU0
I/O
–
–
–
–
–
–
–
R5
M3
L4
VDDBU
–
PIOBU1
I/O
–
–
–
–
–
–
–
R3
P2
M3
VDDBU
–
PIOBU2
I/O
–
–
–
–
–
–
–
T4
P4
M4
VDDBU
–
PIOBU3
I/O
–
–
–
–
–
–
–
U3
N4
J4
VDDBU
–
PIOBU4
I/O
–
–
–
–
–
–
–
T5
M5
M5
VDDBU
–
PIOBU5
I/O
–
–
–
–
–
–
–
U5
N5
–
VDDBU
–
PIOBU6
I/O
–
–
–
–
–
–
–
P5
N3
–
VDDBU
–
PIOBU7
I/O
–
–
–
–
–
–
–
V3
U5
K5
VDDBU
power
VDDBU
I
–
–
–
–
–
–
–
U4
U4
N2
GNDBU
ground
GNDBU
I
–
–
–
–
–
–
–
U1
U2
M1
VDDBU
–
XIN32
I
–
–
–
–
–
–
–
T1
U1
M2
VDDBU
–
XOUT32
O
–
–
–
–
–
–
–
V1
U6
P2
VDDBU
–
COMPP
I
–
–
–
–
–
–
–
V2
U7
P3
VDDBU
–
COMPN
I
–
–
–
–
–
–
–
-
D17
D12
DDRM_VDDQ(2)
–
ODT
I
–
–
–
–
–
–
–
-
A16, B16,
C16, D16,
E15, G17,
J17, L16
B10, A12,
D10, D11
DDRM_VDD
power
DDRM_VDD
I
–
–
–
–
–
–
–
-
E16
E7
DDRM_VDDL(2)
power
DDRM_VDDL(2)
I
–
–
–
–
–
–
–
-
F15, G15,
H15, J15,
K15, L15
A7, A13, A9,
A11, B6, C12
DDRM_VDDQ(2)
power
DDRM_VDDQ(2)
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56