Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAMA5D2 Fiches technique(PDF) 30 Page - Microchip Technology

No de pièce SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Fiches technique(HTML) 30 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 26Page - Microchip Technology SAMA5D2 Datasheet HTML 27Page - Microchip Technology SAMA5D2 Datasheet HTML 28Page - Microchip Technology SAMA5D2 Datasheet HTML 29Page - Microchip Technology SAMA5D2 Datasheet HTML 30Page - Microchip Technology SAMA5D2 Datasheet HTML 31Page - Microchip Technology SAMA5D2 Datasheet HTML 32Page - Microchip Technology SAMA5D2 Datasheet HTML 33Page - Microchip Technology SAMA5D2 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
...........continued
361-ball
BGA
rotatethispage90
289-ball
BGA
196-ball
BGA
Power Rail
I/O
Type
Primary
Alternate
PIO Peripheral
Reset State
(Signal, Dir,
PU, PD,
HiZ, ST)(1)
Signal
Dir
Signal
Dir
Func
Signal
Dir
IO
Set
N3
K2
F2
VDDANA
GPIO_AD
PD11
I/O
PTC_Y0
–
A
TIOA1
I/O
3
PIO, I, PU, ST
B
PCK2
O
2
C
UTMI_LS0
O
1
D
GRXDV
I
2
E
ISC_D4
I
2
F
ISC_MCK
O
4
M7
K9
K4
VDDANA
GPIO_AD
PD12
I/O
PTC_Y1
–
A
TIOB1
I/O
3
PIO, I, PU, ST
B
FLEXCOM4_IO0
I/O
2
C
UTMI_LS1
O
1
D
GRXER
I
2
E
ISC_D5
I
2
F
ISC_D4
I
4
N2
N1
C1
VDDANA
GPIO_AD
PD13
I/O
PTC_Y2
–
A
TCLK1
I
3
PIO, I, PU, ST
B
FLEXCOM4_IO1
I/O
2
C
UTMI_CDRCPSEL0
I
1
D
GRX0
I
2
E
ISC_D6
I
2
F
ISC_D5
I
4
M6
K5
H2
VDDANA
GPIO_AD
PD14
I/O
PTC_Y3
–
A
TCK
I
1
A, PU, ST
B
FLEXCOM4_IO2
I/O
2
C
UTMI_CDRCPSEL1
I
1
D
GRX1
I
2
E
ISC_D7
I
2
F
ISC_D6
I
4
M5
K8
G2
VDDANA
GPIO_AD
PD15
I/O
PTC_Y4
–
A
TDI
I
1
PIO, I, PU, ST
B
FLEXCOM4_IO3
O
2
C
UTMI_CDRCPDIVEN
I
1
D
GTX0
O
2
E
ISC_PCK
I
2
F
ISC_D7
I
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56