Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 45Page - STMicroelectronics AN1105 Datasheet HTML 46Page - STMicroelectronics AN1105 Datasheet HTML 47Page - STMicroelectronics AN1105 Datasheet HTML 48Page - STMicroelectronics AN1105 Datasheet HTML 49Page - STMicroelectronics AN1105 Datasheet HTML 50Page - STMicroelectronics AN1105 Datasheet HTML 51Page - STMicroelectronics AN1105 Datasheet HTML 52Page - STMicroelectronics AN1105 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
49/100
ST7 pCAN PERIPHERAL DRIVER
3.2.2.7 static CAN_Transmit_Error CAN_Fill_Transmission_Buffer()
Figure 24. CAN_Fill_Transmission_Buffer Flowchart
INPUT
--
OUTPUT
Error status
DESCRIPTION
Fills the hardware buffer for transmission.
Possible return values: CAN_TRANSMIT_BUFFER_FULL,
CAN_TRANSMIT_NO_MSG and CAN_TRANSMIT_SUCCESS
COMMENTS
ITs have to be disabled
Called by CAN_Transmit_Request
Calls CAN_Out_Queue
N
Begin
Y
RDY=1
Message exists
N
Y
i.e. not NULL
Selects buffer 1
CAN_Out_Queue()
Returns
CAN_TRANSMIT_NO_MSG
Returns
CAN_TRANSMIT_BUFFER_FULL
Returns
CAN_TRANSMIT_SUCCESS
Fill the hardware buffer
message.buffer_rw=CFALSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100