| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1105 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 100 page ![]() 41/100 ST7 pCAN PERIPHERAL DRIVER Figure 18. CAN_Transmit_Request Flowchart 3.2 INTERNAL FUNCTIONS AND DATA TYPES 3.2.1 Internal Data Types and Variables 3.2.1.1 Transmission FIFO To avoid losing data, messages to be sent are queued in a 3-message length FIFO prior to transmission. Queue Unit In fact, no physical CAN_Message structure is put into the queue. The objects handled are de- scribed below: typedef struct FIFO_Object { CAN_Message* message; struct FIFO_Object* next_object; struct FIFO_Object* preceding_object; }FIFO_Object; Only a pointer to the message appears in the structure, to avoid complex data manipulations. The two following fields are pointers to other FIFO_Object structures. Y Y N N RUN = 0 Begin FIFO full? No message? Y N message_to_send.buffer_rw=CTRUE message_to_send.buffer_rw=CFALSE Returns CAN_TRANSMIT_FAILURE Returns CAN_FIFO_FULL message_to_send.buffer_rw=CFALSE Returns CAN_TRANSMIT_FATAL Returns status (Result of CAN_Fill_Transmission_Buffer) CAN_Fill_Transmission_Buffer message_to_send.buffer_rw=CFALSE CAN_In_Queue (msg_to_send) |