| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1105 Fiches technique(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 Fiches technique(HTML) 64 Page - STMicroelectronics |
|
64 / 100 page ![]() 64/100 ST7 pCAN PERIPHERAL DRIVER if ((SCIF_MASK & CANISR)!=0) { return ITSCIF; } #endif #endif if ((RECEPT_MASK & CANISR)!=0) //If not debug, priority is given to recept., then emission, then Status-Change/Wake-up condition// { return ITRECEPT; } else if ((TRANSMIT_MASK & CANISR)!=0) //If not, tests a transmit. IT { return ITTRANSMIT; } #ifndef DEBUG /*In this case, this IT hasn’t been tested yet*/ #ifndef SATUS_CHANGE_NOTIFICATION else if ((SCIF_MASK & CANISR)!=0) { return ITSCIF; } #endif #endif } /*-------------------------------------------------------------------------- ROUTINE NAME : CAN_Init INPUT/OUTPUT : Pointer on an init structure/Error status DESCRIPTION : CAN cell internal registers initialization COMMENTS : Called by CAN_Switch_On,CAN_First_Init Not executed if RUN bit reset Possible status returned : CAN_INIT_FAILURE CAN_INIT_SUCCESS --------------------------------------------------------------------------*/ CAN_Init_Error CAN_Init(Init_Data_Ptr data_ptr,CAN_Bool run_set,CAN_Bool wkup_set) { if (!ValBit(CANCSR,RUN)) |