| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1105 Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 100 page ![]() 73/100 ST7 pCAN PERIPHERAL DRIVER message_ident = (((unsigned int)CANIDHR)<<8)|CANIDLR; message_ident >>= FILTER_SHIFT; //Appropriate rigth shift message_ident &= 0xFFF0; //Filtering function #ifdef FILTERS_ENABLED /*Conditionnal compilation*/ filtering_status=CAN_Filter(message_ident); //Filtering fonction call if (filtering_status==CAN_FILTER_NO_MATCH) { Clr_RDY_Bit(); //Frees the hardware buffer for a new reception return CAN_FILTERING_FAILURE; } #endif //Tests if remote frame if(ValBit(CANIDLR,4)) { Clr_RDY_Bit(); CAN_Remote_Reception_Notification(message_ident); return CAN_RECEIVE_REMOTE; } //Else, saves the datas in a buffer passed by the application soft_buffer_ptr=CAN_Request_Buffer(message_ident); //Requests a buffer for the messsage that successfully passed the filters if (soft_buffer_ptr==NULL) //The buffer must exist prior to beeing filled !!! { Clr_RDY_Bit(); return CAN_NO_BUFFER; //Kind of "software overrun" } if (soft_buffer_ptr->buffer_rw) { Clr_RDY_Bit(); return CAN_RECEIVE_FATAL; } soft_buffer_ptr->buffer_rw=CTRUE;//Locks the buffer if (!(soft_buffer_ptr->buffer_free)) { |