Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 78 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 78 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 74Page - STMicroelectronics AN1105 Datasheet HTML 75Page - STMicroelectronics AN1105 Datasheet HTML 76Page - STMicroelectronics AN1105 Datasheet HTML 77Page - STMicroelectronics AN1105 Datasheet HTML 78Page - STMicroelectronics AN1105 Datasheet HTML 79Page - STMicroelectronics AN1105 Datasheet HTML 80Page - STMicroelectronics AN1105 Datasheet HTML 81Page - STMicroelectronics AN1105 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 100 page
background image
78/100
ST7 pCAN PERIPHERAL DRIVER
**********************************************************/
/* List of all functions defined in this module and used in other modules
*/
/*--------------------------------------------------------------------------
ROUTINE NAME : CAN_Get_TEC()
INPUT/OUTPUT : -/Value of the TECR register (transmission error counter)
DESCRIPTION : Returns the value of the TECR register
COMMENTS
:
--------------------------------------------------------------------------*/
u8 CAN_Get_TEC(void)
{
return CANTECR;
}
/*--------------------------------------------------------------------------
ROUTINE NAME : CAN_Get_REC()
INPUT/OUTPUT : -/Value of the RECR register (reception error counter)
DESCRIPTION : Returns the value of the TECR register
COMMENTS
:
--------------------------------------------------------------------------*/
u8 CAN_Get_REC(void)
{
return CANRECR;
}
/*--------------------------------------------------------------------------
ROUTINE NAME : CAN_Get_Status
INPUT/OUTPUT : -- / current status of the cell
DESCRIPTION : Retrieves the current status of the CAN cell.
COMMENTS
: Possible return values : CAN_STANDBY
CAN_BUS_PASSIVE
CAN_BUS_OFF
CAN_BUS_ACTIVE
--------------------------------------------------------------------------*/
CAN_Status CAN_Get_Status (void)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100