| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1105 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 100 page ![]() 37/100 ST7 pCAN PERIPHERAL DRIVER – For example, rename function to function_init_call. – In the link file (extension .lkf), define an alias the following way: +def _function=_function_init_call //!! Note the underscore as first character. – If the function takes parameters, add also: +def _function$L=_function_init_call$L//!! This is the way the parameters names are generated by the compiler – Save the file and compile. IN ANY CASE, ALWAYS MAKE SURE THAT YOUR CODE IS NOT ACTUALLY REEN- TRANT, If IT IS, IT WON’T RUN THE WAY YOU EXPECT, EVEN IF YOU HAVE COMPILED IT SUCESSFULLY! |