| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1105 Fiches technique(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 Fiches technique(HTML) 69 Page - STMicroelectronics |
|
69 / 100 page ![]() 69/100 ST7 pCAN PERIPHERAL DRIVER state than after 1st. init CAN_transmit_queue.fifo_size=0; CAN_queue_object_1.message=NULL; CAN_queue_object_2.message=NULL; CAN_queue_object_3.message=NULL; CAN_transmit_queue.isinuse=CFALSE;//Releases the queue //Hardware cleaning (releases the hardware buffers) CANPSR=PAGE_3; while (CANPSR>0) { Clr_RDY_Bit(); CANPSR--; } //IT cleaning : clears any pending IT flag CANISR=CANISR&0; return CAN_CLEAN_SUCCESS; } else { return CAN_CLEAN_FAILURE; } } /*-------------------------------------------------------------------------- ROUTINE NAME : CAN_Fill_Transmission_Buffer INPUT/OUTPUT : -- / error status DESCRIPTION : Fills the hadrware buffer for transmission. COMMENTS : ITs have to be disabled Called by CAN_Transmit_Request Calls CAN_Out_Queue Possible return values : CAN_TRANSMIT_BUFFER_FULL CAN_TRANSMIT_NO_MSG CAN_TRANSMIT_SUCCESS --------------------------------------------------------------------------*/ CAN_Transmit_Error CAN_Fill_Transmission_Buffer(void) { CANPSR=PAGE_1; |