Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 85Page - STMicroelectronics AN1105 Datasheet HTML 86Page - STMicroelectronics AN1105 Datasheet HTML 87Page - STMicroelectronics AN1105 Datasheet HTML 88Page - STMicroelectronics AN1105 Datasheet HTML 89Page - STMicroelectronics AN1105 Datasheet HTML 90Page - STMicroelectronics AN1105 Datasheet HTML 91Page - STMicroelectronics AN1105 Datasheet HTML 92Page - STMicroelectronics AN1105 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
89/100
ST7 pCAN PERIPHERAL DRIVER
u8 flr1_init;
u8 mhr1_init;
u8 mlr1_init;
u8 fhr0_init;
u8 flr0_init;
u8 mhr0_init;
u8 mlr0_init;
}Init_Data;
typedef Init_Data* Init_Data_Ptr; // Pointer on an Init_Data structure
/
*#########################################################################*/
/*
VARIABLES
*/
/
*#########################################################################*/
//Initialization of the CAN-cell
//Variables declared in can.c
extern const Init_Data first_init_data; //Initialisation datas used at power-on
extern const u16 i_filters[];
// Array of accepted filters
/
*#########################################################################*/
/*
FUNCTIONS
*/
/
*#########################################################################*/
//Power-on initialisation
CAN_Init_Error CAN_First_Init(void);
//Resets IT authorization flags
void CAN_It_Dis(void);
//Gets state of the cell : active, passive, off
CAN_Status CAN_Get_Status (void);
//Gets value of Transmit Error Counter & Reception Error Counter
u8 CAN_Get_TEC(void);
u8 CAN_Get_REC(void);
//Modification of the cell state
CAN_Switch_Error CAN_Switch_Off(WakeUp_Cause);
CAN_Switch_Error CAN_Sleep (WakeUp_Cause);
CAN_Switch_Error CAN_Switch_On(Init_Data_Ptr,CAN_Bool);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100