Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 81Page - STMicroelectronics AN1105 Datasheet HTML 82Page - STMicroelectronics AN1105 Datasheet HTML 83Page - STMicroelectronics AN1105 Datasheet HTML 84Page - STMicroelectronics AN1105 Datasheet HTML 85Page - STMicroelectronics AN1105 Datasheet HTML 86Page - STMicroelectronics AN1105 Datasheet HTML 87Page - STMicroelectronics AN1105 Datasheet HTML 88Page - STMicroelectronics AN1105 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
85/100
ST7 pCAN PERIPHERAL DRIVER
if (idptr!=NULL)
//If NULL, nothing will be reinitialized
{
error_status=CAN_Init(idptr,CTRUE,wupulse_allowed);
//RUN set automat-
ically
if (error_status==CAN_INIT_FAILURE)
{
return CAN_SWITCH_ON_FAILURE;
}
}
return CAN_SWITCH_ON_SUCCES;
}
else return CAN_SWITCH_ON_FAILURE;
}
/*--------------------------------------------------------------------------
ROUTINE NAME : CAN_Transmit_request
INPUT/OUTPUT : pointer on the CAN buffer to send/error status
DESCRIPTION : Puts a message into the queue, and may request an immediate
transmission if it’s void
COMMENTS
: Calls CAN_Init_Queue and CAN_Fill_Transmission_Buffer
!!!This function MUST NOT be interrupted, so protect it with SIM and RIM
statements
when used OUTSIDE the notification fuctions of CAN_custom.c!!!
--------------------------------------------------------------------------*/
CAN_Transmit_Error CAN_Transmit_Request(CAN_Buffer* msg_to_send_ptr)
{
CAN_Transmit_Error status;
if (msg_to_send_ptr->buffer_rw==CTRUE)
{
return CAN_TRANSMIT_FAILURE;
}
msg_to_send_ptr->buffer_rw=CTRUE;
if (!ValBit(CANCSR,RUN))
//No transmission autorized when the CAN cell is
not running
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100