| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1105 Fiches technique(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 Fiches technique(HTML) 52 Page - STMicroelectronics |
|
52 / 100 page ![]() 52/100 ST7 pCAN PERIPHERAL DRIVER 3.2.2.10 Interrupt Routine Figure 27. Interrupt Routine Flowchart INPUT -- OUTPUT -- DESCRIPTION Interrupt processing function. COMMENTS Calls CAN_Get_IT_Type CAN_Reception_Notification CAN_Transmission_Notification CAN_Fill_Transmission_Buffer CAN_Dominant_Bit_Reception_Notification May call (optional, see Section 2.1.5.4 "Can_custom.h File"): CAN_Transmission_Error_Notification CAN_Bus_Passive_Notification CAN_Bus_Active_Notification CAN_Bus_Off_Notification CAN_Overrun_Notification CAN_General_Reception_Error_Notification Begin Y N Case: ITRECEPT Buffer 3 filled Buffer 2 filled if DEBUG defined N Y SWITCH: Get_IT_Type() BREAK BREAK Same processing as buffer 3 CAN_Reception_Status CAN_Receive |