Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 68Page - STMicroelectronics AN1105 Datasheet HTML 69Page - STMicroelectronics AN1105 Datasheet HTML 70Page - STMicroelectronics AN1105 Datasheet HTML 71Page - STMicroelectronics AN1105 Datasheet HTML 72Page - STMicroelectronics AN1105 Datasheet HTML 73Page - STMicroelectronics AN1105 Datasheet HTML 74Page - STMicroelectronics AN1105 Datasheet HTML 75Page - STMicroelectronics AN1105 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
72/100
ST7 pCAN PERIPHERAL DRIVER
for (counter=0;counter<data_size;counter++)
{
data_ptr[counter]=CANDR[counter];
}
}
Clr_RDY_Bit();
//Releases the buffer and clears the IT flag
return CAN_RECEIVE_SUCCESS;
}
/*--------------------------------------------------------------------------
ROUTINE NAME : CAN_Receive
INPUT/OUTPUT : ID of the buffer to void/Status message
DESCRIPTION : Fetches the datas received in a hardware buffer and saves them in a
soft buffer
furnished by the application.
COMMENTS
: ITs have to be disabled
Calls
CAN_Filter (optionnal)
CAN_Request_Buffer
CAN_Store_Rcvd_Msg
Possible return values : CAN_FILTERING_FAILURE
CAN_NO_BUFFER
CAN__RECEIVE_FATAL
CAN_RECEIVE_SUCCESS
--------------------------------------------------------------------------*/
static CAN_Receive_Error CAN_Receive(u8 num_buff_hard)
{
CAN_Buffer* soft_buffer_ptr;
CAN_Receive_Error receive_status;
u16 message_ident;
#ifdef FILTERS_ENABLED
/*Conditionnal compilation*/
CAN_Filter_Status filtering_status;
#endif
//Retrieving the ID of the message
CANPSR=num_buff_hard;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100