Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 86 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 86 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 82Page - STMicroelectronics AN1105 Datasheet HTML 83Page - STMicroelectronics AN1105 Datasheet HTML 84Page - STMicroelectronics AN1105 Datasheet HTML 85Page - STMicroelectronics AN1105 Datasheet HTML 86Page - STMicroelectronics AN1105 Datasheet HTML 87Page - STMicroelectronics AN1105 Datasheet HTML 88Page - STMicroelectronics AN1105 Datasheet HTML 89Page - STMicroelectronics AN1105 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
86/100
ST7 pCAN PERIPHERAL DRIVER
msg_to_send_ptr->buffer_rw=CFALSE;
return CAN_TRANSMIT_FAILURE;
}
status=CAN_In_Queue(msg_to_send_ptr);
//Puts the message in the queue
if (status==CAN_FIFO_FULL)
{
msg_to_send_ptr->buffer_rw=CFALSE;
return status;
}
status_counter=status_counter+1;
status=CAN_Fill_Transmission_Buffer();
//Tries to fill the buffer 2
if (status==CAN_TRANSMIT_NO_MSG)
//This should never happen
{
status_counter=status_counter-1;
msg_to_send_ptr->buffer_rw=CFALSE;
return CAN_TRANSMIT_FATAL;
}
else
{
return status;
//Can be success or buffer in use (ie. a request
is already pending)
}
//The modif of buffer_rw will be
executed by CAN_Store_Received_Message
}
/****** (c) 2000 STMicroelectronics ********************* END OF FILE _******/
4.2 CAN.H
/*********************** (c) 2000 STMicroelectronics *************************
PROJECT :
COMPILER : ST7 COSMIC C v4.2e
MODULE : can.h
VERSION : V 1.1.6 build 80
CREATION DATE : 04/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100