Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 55Page - STMicroelectronics AN1105 Datasheet HTML 56Page - STMicroelectronics AN1105 Datasheet HTML 57Page - STMicroelectronics AN1105 Datasheet HTML 58Page - STMicroelectronics AN1105 Datasheet HTML 59Page - STMicroelectronics AN1105 Datasheet HTML 60Page - STMicroelectronics AN1105 Datasheet HTML 61Page - STMicroelectronics AN1105 Datasheet HTML 62Page - STMicroelectronics AN1105 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
59/100
ST7 pCAN PERIPHERAL DRIVER
*/
// to give them the correct hardware format
#define REMOTE_BIT
5
/*Place of the remote bit in the ID field*/
#define REGISTER_SIZE 8
/*Size of a register*/
/
*#########################################################################*/
/*
STRUCTURES TYPEDEF
*/
/
*#########################################################################*/
//Transmission queue element
typedef struct FIFO_Object{
// Definition of the reception FIFO unit
CAN_Buffer* message; // Pointer to a CAN message structure
struct FIFO_Object* next_object;
// Pointer to the following object
in the queue
struct FIFO_Object* preceding_object;
// Pointer on the
preceding object in the queue
}FIFO_Object;
//
//Transmission queue
typedef struct {
// Definition of the reception FIFO type
u8 fifo_size;
// Size of the FIFO
FIFO_Object* first_object;
// Next object to be outqueued
FIFO_Object* last_object;
// Next place to fill
CAN_Bool isinuse;
// Data sharing control
} FIFO;
#ifdef FILTERS_ENABLED
//Filtering results
typedef enum {CAN_FILTER_MATCH,CAN_FILTER_NO_MATCH}CAN_Filter_Status;
#endif
//IT types
typedef enum {ITERR,ITRECEPT,ITTRANSMIT,ITSCIF}IT_Type;
//Clean error codes
typedef enum
{CAN_CLEAN_FATAL,CAN_CLEAN_SUCCESS,CAN_CLEAN_FAILURE}CAN_Clean_Error;
/
*#########################################################################*/
/*
VARIABLES
*/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100