| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1105 Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 100 page ![]() 40/100 ST7 pCAN PERIPHERAL DRIVER Figure 16. CAN_Sleep Flowchart CAN_Switch_Error CAN_Switch_On(Init_Data_Ptr,CAN_Bool) Figure 17. CAN_Switch_On Flowchart CAN_Transmit_Error CAN_Transmit_Request(CAN_Message*) Y status_counter=0 N Y N Begin N RUN = 0 Y Y N Returns CAN_SLEEP_ERROR Returns CAN_SLEEP_FATAL Returns CAN_SLEEP_SUCCESS Modifies CANICR register following the parameter (enables or disables IT) Unlocks buffers 1 and 2 Sets RUN = 0 Locks it Hardware Buffer 3 is empty Hardware Buffer 2 is empty Locks it Begin RUN = 0 Y N Success ? Y N Returns CAN_SWITCH_ON_FAILURE Returns CAN_SWITCH_ON_SUCCESS Calls CAN_Init Cancels any pending job (clears LOCK bit) |