Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 10Page - STMicroelectronics AN1105 Datasheet HTML 11Page - STMicroelectronics AN1105 Datasheet HTML 12Page - STMicroelectronics AN1105 Datasheet HTML 13Page - STMicroelectronics AN1105 Datasheet HTML 14Page - STMicroelectronics AN1105 Datasheet HTML 15Page - STMicroelectronics AN1105 Datasheet HTML 16Page - STMicroelectronics AN1105 Datasheet HTML 17Page - STMicroelectronics AN1105 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
14/100
ST7 pCAN PERIPHERAL DRIVER
Any event (successful transmission, data reception, error, state change, overrun) can gen-
erate a maskable interrupt. The Interrupt Control Register (see datasheet p.112) allows you to
set/reset these masks. Note that each buffer has its own reception interrupt, allowing the data
to be saved rapidly.
Note: For further, more detailed explanations, please read the ST72511R/ST72512R/ST72532R Datash-
eet, downloadable from the ST web site, http://mcu.st.com.
Figure 9. ST7 pCAN State Diagram
Standby
Resynchronisation
Wake-up Pulse
Generation
Idle
Reception
Transmission
Error
RUN
RUN
RUN & WKPS
& WKPS
RESET
RUN
TX OK
Arbitration lost
RX OK
Start of frame
RX Error
TX Error
BusOFF
BusOFF
FSYN & BusOFF & 11 Recessive bits or...
(FSYN | BusOFF) & 128*11 Recessive bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100