Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 38Page - STMicroelectronics AN1105 Datasheet HTML 39Page - STMicroelectronics AN1105 Datasheet HTML 40Page - STMicroelectronics AN1105 Datasheet HTML 41Page - STMicroelectronics AN1105 Datasheet HTML 42Page - STMicroelectronics AN1105 Datasheet HTML 43Page - STMicroelectronics AN1105 Datasheet HTML 44Page - STMicroelectronics AN1105 Datasheet HTML 45Page - STMicroelectronics AN1105 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
42/100
ST7 pCAN PERIPHERAL DRIVER
FIFO Management Structure
In the main structure, we find:
typedef struct {
u8 fifo_size;
FIFO_Object* first_object;
FIFO_Object* last_object;
CAN_Bool isinuse;
} FIFO;
The structures shown here look more like parts of a chained-list. Indeed, the data-type imple-
mented is not pure FIFO, but simulates the behaviour of a real queue.
Three
FIFO_Objects are statically defined and linked together in a circular way (in the
CAN_First_Init routine). One FIFO variable is also defined and initialized in the meantime (cf.
in can.c):
//Transmission queue
static FIFO CAN_transmit_queue;
static FIFO_Object CAN_queue_object_1;
static FIFO_Object CAN_queue_object_2;
static FIFO_Object CAN_queue_object_3;
The maximum size of the queue is therefore 3.
To simulate in-queuing/out-queuing, you only have to verify that the size limit will not be over-
ridden, and update the fields in the FIFO structure.
The “isinuse” Boolean is checked each time the variable is accessed to prevent read/write
conflicts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100