| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1105 Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 100 page ![]() 47/100 ST7 pCAN PERIPHERAL DRIVER 3.2.2.4 static CAN_Transmit_Error CAN_In_Queue (CAN_Message* msg_to_queue) Figure 22. CAN_In_Queue Flowchart INPUT Pointer on a CAN message OUTPUT Error code DESCRIPTION Tests matching of IDs of received messages and software filters. Possible return values: CAN_FIFO_FULL, CAN_TRANSMIT_SUCCESS and CAN_TRANSMIT_FATAL. COMMENTS Must not be interrupted Called by CAN_Transmit_Request N Begin Y Queue in use FIFO full N Y Returns CAN_TRANSMIT_FATAL Returns CAN_FIFO_FULL Returns CAN_TRANSMIT_SUCCESS Unlocks queue Unlocks queue Locks queue Updates FIFO parameters |