Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 44Page - STMicroelectronics AN1105 Datasheet HTML 45Page - STMicroelectronics AN1105 Datasheet HTML 46Page - STMicroelectronics AN1105 Datasheet HTML 47Page - STMicroelectronics AN1105 Datasheet HTML 48Page - STMicroelectronics AN1105 Datasheet HTML 49Page - STMicroelectronics AN1105 Datasheet HTML 50Page - STMicroelectronics AN1105 Datasheet HTML 51Page - STMicroelectronics AN1105 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
48/100
ST7 pCAN PERIPHERAL DRIVER
3.2.2.5 static CAN_Message* CAN_Out_Queue (void)
The algorithm is exactly the same as for CAN_In_Queue().
3.2.2.6 static CAN_Clean_Error CAN_Clean (void)
Figure 23. CAN_Clean Flowchart
INPUT
--
OUTPUT
Pointer to a CAN message
DESCRIPTION
Returns a pointer to the first message in the transmission queue and updates the
queue parameters
COMMENTS
Must not be interrupted
Called by CAN_Fill_Transmission_Buffer
INPUT
--
OUTPUT
Error status
DESCRIPTION
Cleans the reception and transmission buffers, and resets the transmission queue in
the first initialization state.
Only affects pointers
Possible return values: CAN_CLEAN_FAILURE, CAN_CLEAN_SUCCESS and
CAN_CLEAN_FATAL
COMMENTS
Must be called only in Sleep mode (run bit reset)
Must not be interrupted
Called by CAN_Sleep and CAN_Switch_Off
N
Begin
RUN=1
Y
Queue in use
Y
N
Returns
CAN_CLEAN_FATAL
Returns
CAN_CLEAN_FAILURE
Returns
CAN_CLEAN_SUCCESS
Locks queue
Reinitializes queue
Clears all pending jobs
Clears all pending ITs
Unlocks queue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100