Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 72Page - STMicroelectronics AN1105 Datasheet HTML 73Page - STMicroelectronics AN1105 Datasheet HTML 74Page - STMicroelectronics AN1105 Datasheet HTML 75Page - STMicroelectronics AN1105 Datasheet HTML 76Page - STMicroelectronics AN1105 Datasheet HTML 77Page - STMicroelectronics AN1105 Datasheet HTML 78Page - STMicroelectronics AN1105 Datasheet HTML 79Page - STMicroelectronics AN1105 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
76/100
ST7 pCAN PERIPHERAL DRIVER
CAN_Transmission_Notification();
status=CAN_IT_Fill_Transmission_Buffer();
#ifdef DEBUG
if (status!=CAN_TRANSMIT_SUCCESS)
{
CAN_Transmission_Error_Notification(status);
//
When an unsuccesfull transmission occured (argument : error status?)
}
#endif
break;
}
case ITSCIF :
{
CAN_Status status;
Clr_SCIF_Bit();
status=CAN_Get_Status();
if (status==CAN_STANDBY)
{
CAN_Dominant_Bit_Reception_Notification();
//Re-
ception of a dominant bit while in stanby mode
#ifndef STATUS_CHANGE_NOTIFICATION
ClrBit(CANICR,SCIE);
//After first init, this IT is
no more needed if
#endif
/
*STATUS_CHANGE_NOTIFICATION is not requested*/
}
#ifdef STATUS_CHANGE_NOTIFICATION
switch (status)
{
case CAN_BUS_PASSIVE :
CAN_Bus_Passive_Notification();
//Status change to
bus passive
break;
case CAN_BUS_ACTIVE :
CAN_Bus_Active_Notification();
//Status change to
bus active
break;
case CAN_BUS_OFF :
CAN_Bus_Off_Notification();
//Response to a status
change to bus-off
break;
default :
/////////////////////////



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100