Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 87 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 87 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 83Page - STMicroelectronics AN1105 Datasheet HTML 84Page - STMicroelectronics AN1105 Datasheet HTML 85Page - STMicroelectronics AN1105 Datasheet HTML 86Page - STMicroelectronics AN1105 Datasheet HTML 87Page - STMicroelectronics AN1105 Datasheet HTML 88Page - STMicroelectronics AN1105 Datasheet HTML 89Page - STMicroelectronics AN1105 Datasheet HTML 90Page - STMicroelectronics AN1105 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
87/100
ST7 pCAN PERIPHERAL DRIVER
AUTHOR : Central Europe 8bit Micro Application Group
-*-*-*-*-*-*-*-*-*-*-*-*-**-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-
DESCRIPTION : CAN routines
-*-*-*-*-*-*-*-*-*-*-*-*--*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-*-
MODIFICATIONS : none
***************************************************************************
THE SOFTWARE INCLUDED IN THIS FILE IS FOR GUIDANCE ONLY. ST MICROELECTRONICS
SHALL NOT BE HELD LIABLE FOR ANY DIRECT, INDIRECT OR CONSEQUENTIAL DAMAGES
WITH RESPECT TO ANY CLAIMS ARISING FROM USE OF THIS SOFTWARE.
***************************************************************************/
#ifndef CAN_H
#define CAN_H
#define CAN_MAX_DATA_SIZE 8
#ifndef _H_STDDEF_
#define NULL (void*) 0
/*Not already defined if stddef.h not included*/
#endif
#define NULL_DEFINED
/
*###########################################################################
*/
/*
TYPEDEF
*/
/
*###########################################################################
*/
/////////////////////
//Simple data types//
/////////////////////
typedef enum {BUS_WAKEUP,SOFT_WAKEUP}WakeUp_Cause;
typedef enum
{DLC0,DLC1,DLC2,DLC3,DLC4,DLC5,DLC6,DLC7,DLC8,REMOTE_FRAME}CAN_Data_Size;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100