Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 75 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 75 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 71Page - STMicroelectronics AN1105 Datasheet HTML 72Page - STMicroelectronics AN1105 Datasheet HTML 73Page - STMicroelectronics AN1105 Datasheet HTML 74Page - STMicroelectronics AN1105 Datasheet HTML 75Page - STMicroelectronics AN1105 Datasheet HTML 76Page - STMicroelectronics AN1105 Datasheet HTML 77Page - STMicroelectronics AN1105 Datasheet HTML 78Page - STMicroelectronics AN1105 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
75/100
ST7 pCAN PERIPHERAL DRIVER
CAN_Overrun_Notification
CAN_General_Reception_Error_Notification
--------------------------------------------------------------------------*/
@interrupt @nostack void CAN_Interrupt(void)
{
IT_Type it_type;
it_type=CAN_Get_IT_Type();
switch(it_type)
{
case ITRECEPT :
{
CAN_Receive_Error error_status;
if (ValBit(CANISR,RXIF3)) //Check the lower priority buffer
first
{
status_counter=status_counter+1;
error_status=CAN_Receive(RECEPTION_3);
#ifdef DEBUG
CAN_Reception_Status(error_status);
#endif
status_counter=status_counter-1;
}
if(ValBit(CANISR,RXIF2)) //Then checks the other
{
status_counter=status_counter+1;
error_status=CAN_Receive(RECEPTION_2);
#ifdef DEBUG
CAN_Reception_Status(error_status);
#endif
status_counter=status_counter-1;
}
break;
}
case ITTRANSMIT :
//Transmission IT
{
CAN_Transmit_Error status;
Clr_TXIF_Bit();//Clearing the flag
status_counter=status_counter-1;
//Decrementing the
status counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100