Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1105 Fiches technique(PDF) 95 Page - STMicroelectronics

No de pièce AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Fiches technique(HTML) 95 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 91Page - STMicroelectronics AN1105 Datasheet HTML 92Page - STMicroelectronics AN1105 Datasheet HTML 93Page - STMicroelectronics AN1105 Datasheet HTML 94Page - STMicroelectronics AN1105 Datasheet HTML 95Page - STMicroelectronics AN1105 Datasheet HTML 96Page - STMicroelectronics AN1105 Datasheet HTML 97Page - STMicroelectronics AN1105 Datasheet HTML 98Page - STMicroelectronics AN1105 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
95/100
ST7 pCAN PERIPHERAL DRIVER
#define INIT_MLR0
0x00
#define INIT_FHR1
0x00
#define INIT_FLR1
0x00
#define INIT_MHR1
0x00
#define INIT_MLR1
0x00
//SOFTWARE ACCEPTANCE MASKS
//#define FILTERS_ENABLED
//#define INIT_FILTERS {}
/*max identifier : 2048, that’s to say 0x0800, max
size of the array :127*/
//ITs COMPILATION OPTIONS
//Have to be disabled if a direct implementation of the IT function
//is meant
//Enabling one of these options implies coding the corresponding function in the
can_custom.c file
//The choice will determine the initialization of the status register
//To monitor status changes
//#define STATUS_CHANGE_NOTIFICATION
//To use other error notifications functions:
//#define DEBUG
//#define GENERAL_RECEPTION_ERROR /*If defined, replaces the status change
interrupts*/
//Only if debug also defined
//Does not exclude bus wake-up feature
//#define SIMULTANEOUS_EMISSION_RECEPTION /*Only if debug also defined*/
//Allows simultaneous reception and reception of a message
//to check the integrity of the message path
/
*#########################################################################*/
/*
VARIABLES
*/
/
*#########################################################################*/
/*----------------------CAN SETTINGS----------------------*/
#endif
/****** (c) 1999 STMicroelectronics ********************* END OF FILE _******/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100