Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 37Page - STMicroelectronics SPEAR1310 Datasheet HTML 38Page - STMicroelectronics SPEAR1310 Datasheet HTML 39Page - STMicroelectronics SPEAR1310 Datasheet HTML 40Page - STMicroelectronics SPEAR1310 Datasheet HTML 41Page - STMicroelectronics SPEAR1310 Datasheet HTML 42Page - STMicroelectronics SPEAR1310 Datasheet HTML 43Page - STMicroelectronics SPEAR1310 Datasheet HTML 44Page - STMicroelectronics SPEAR1310 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
SPEAr1310
Keyboard controller (KBD)
Doc ID 17528 Rev 4
41/57
27
Keyboard controller (KBD)
The GPIO keyboard controller integrated in SPEAr1310 offers a 4-mode input and output
port. It provides an 18-bit GPIO, 6x6/9x9/2x2 keyboard functionality, and offers an interface
to the industry standard APB bus.
27.1
Main features
●
18-bit general-purpose parallel port (GPIO) with input or output single pin
programmability
●
36 (6x6)/81 (9x9)/4 (2x2) key keyboard
●
GPIO or keyboard functionality
●
Selection of any one of the three keyboard matrices
●
AMBA APB interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57