Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 25Page - STMicroelectronics SPEAR1310 Datasheet HTML 26Page - STMicroelectronics SPEAR1310 Datasheet HTML 27Page - STMicroelectronics SPEAR1310 Datasheet HTML 28Page - STMicroelectronics SPEAR1310 Datasheet HTML 29Page - STMicroelectronics SPEAR1310 Datasheet HTML 30Page - STMicroelectronics SPEAR1310 Datasheet HTML 31Page - STMicroelectronics SPEAR1310 Datasheet HTML 32Page - STMicroelectronics SPEAR1310 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
SPEAr1310
32-bit PCI expansion bus
Doc ID 17528 Rev 4
29/57
16
32-bit PCI expansion bus
SPEAr1310 supports legacy PCI, providing both the host and device interfaces. The device
interface is used for intelligent expansions in PCI machines (like PCs). The "host interface"
is used to provide additional peripherals to SPEAr1310 cores - for instance, dedicated
signals (clock, bus request and grant) for up to four external devices.
16.1
Main features
●
PCI specification 2.3 compliant
●
32-bit address/data paths
●
Up to 66 MHz interface clock
●
Programmable for acting as Host or Device
●
Four dedicated interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57