Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 49Page - STMicroelectronics SPEAR1310 Datasheet HTML 50Page - STMicroelectronics SPEAR1310 Datasheet HTML 51Page - STMicroelectronics SPEAR1310 Datasheet HTML 52Page - STMicroelectronics SPEAR1310 Datasheet HTML 53Page - STMicroelectronics SPEAR1310 Datasheet HTML 54Page - STMicroelectronics SPEAR1310 Datasheet HTML 55Page - STMicroelectronics SPEAR1310 Datasheet HTML 56Page - STMicroelectronics SPEAR1310 Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
Revision history
SPEAr1310
56/57
Doc ID 17528 Rev 4
39
Revision history
Table 3.
Document revision history
Date
Revision
Changes
4-Jun-2010
1
Initial release.
20-Aug-2010
2
Modified confidentiality level
from public to confidential.
Minor text changes.
26-Aug-2010
3
Modified confidentiality level from confidential to public for the announce of the
product.
2-Sep-2010
4
Updated information about PCIe and SATA:
– Modified the feature list in the first page.
– Modified Figure 1: SPEAr1310 system connectivity
– Modified Figure 2: SPEAr1310 block diagram of the internal connectivity
Reviewed the structure of the document.
Reviewed Chapter 8: Static RAM (SRAM)
Added Chapter 7: Reset and clock generator (RCG)
Updated Chapter 9: Multiport memory controller (MPMC)
Updated Chapter 10: Flexible static memory controller (FSMC)
Updated Chapter 12: Giga/Fast Ethernet media access controller (GMAC)
Updated Chapter 16: 32-bit PCI expansion bus
Updated Chapter 23: Universal asynchronous receiver/transmitter (UART)
Updated Chapter 30: Security co-processor (C3)
Updated Chapter 32: General purpose timer (GPT)
Updated Chapter 33: Real-time clock (RTC)
Updated Chapter 35: JPEG Codec (JPGC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57