Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 49Page - STMicroelectronics SPEAR1310 Datasheet HTML 50Page - STMicroelectronics SPEAR1310 Datasheet HTML 51Page - STMicroelectronics SPEAR1310 Datasheet HTML 52Page - STMicroelectronics SPEAR1310 Datasheet HTML 53Page - STMicroelectronics SPEAR1310 Datasheet HTML 54Page - STMicroelectronics SPEAR1310 Datasheet HTML 55Page - STMicroelectronics SPEAR1310 Datasheet HTML 56Page - STMicroelectronics SPEAR1310 Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
SPEAr1310
Temperature sensor (THSENS)
Doc ID 17528 Rev 4
55/57
38
Temperature sensor (THSENS)
The THSENS block is an embedded sensor for junction temperature monitoring.
38.1
Main features
●
Embeds a thermal sensor providing digital measurement of junction temperature
●
Allows offset correction of digital measurement (calibrated at testing)
●
Generates a “high temperature” interrupt when junction temperature exceeds a
software programmable higher bound threshold
●
Generates a “low temperature” interrupt when junction temperature is lower than a
software programmable lower bound threshold
●
Supports operating conditions ranging from –40 to 125
°C
●
Allows measurement of junction temperature starting at 0
°C
●
Software programmable power-down functionality for lower power consumption
●
Continuous (periodic) sensing of temperature when not powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57