Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 34Page - STMicroelectronics SPEAR1310 Datasheet HTML 35Page - STMicroelectronics SPEAR1310 Datasheet HTML 36Page - STMicroelectronics SPEAR1310 Datasheet HTML 37Page - STMicroelectronics SPEAR1310 Datasheet HTML 38Page - STMicroelectronics SPEAR1310 Datasheet HTML 39Page - STMicroelectronics SPEAR1310 Datasheet HTML 40Page - STMicroelectronics SPEAR1310 Datasheet HTML 41Page - STMicroelectronics SPEAR1310 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
Synchronous serial port (SSP)
SPEAr1310
38/57
Doc ID 17528 Rev 4
24
Synchronous serial port (SSP)
The synchronous serial port (SSP) block includes a master or slave interface to enable
synchronous serial communication with slave or master peripherals.
24.1
Main features
●
Master or slave operation
●
Programmable clock bit rate and prescaler
●
Separate transmit and receive first-in, first-out memory buffers, 16-bit wide, 8 locations
deep
●
Programmable choice of interface operation, SPI, Microwire, or TI synchronous serial
●
Programmable data frame size from 4 to 16 bits
●
Independent masking of transmit FIFO, receive FIFO, and receive overrun interrupts
●
Internal loopback test mode available
●
Support for direct memory access (DMA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57