Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR1310 Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce SPEAR1310
Description  Dual-core Cortex A9 embedded MPU for communications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1310 Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button SPEAR1310 Datasheet HTML 49Page - STMicroelectronics SPEAR1310 Datasheet HTML 50Page - STMicroelectronics SPEAR1310 Datasheet HTML 51Page - STMicroelectronics SPEAR1310 Datasheet HTML 52Page - STMicroelectronics SPEAR1310 Datasheet HTML 53Page - STMicroelectronics SPEAR1310 Datasheet HTML 54Page - STMicroelectronics SPEAR1310 Datasheet HTML 55Page - STMicroelectronics SPEAR1310 Datasheet HTML 56Page - STMicroelectronics SPEAR1310 Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
General purpose input/output (GPIO)
SPEAr1310
54/57
Doc ID 17528 Rev 4
37
General purpose input/output (GPIO)
The general purpose input/output (GPIO) block provides 8 programmable inputs or outputs.
Each input/output can be controlled in software mode through an APB interface.
37.1
Main features
●
Eight individually programmable input/output pins (default to input at reset)
●
An APB slave acting as control interface in software mode
●
Programmable interrupt generation capability on any number of pins
●
Bit masking in both read and writes operation through address lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57